Part Number Hot Search : 
SKA06N60 1191CB E3124 GS3BB HD74LV SI1029X 63245 KV1913A1
Product Description
Full Text Search
 

To Download SD-105039-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/18/2010 please check www.molex.com for latest part information part number: 1050390001 status: active description: 2.54mm (.100") pitch hinged sim card connector, shielded, 0.30m (12") gold (au) plating over 1.27m (50") nickel on contact area, 6 circuits,lead free documents: 3d model product specification ps-105039-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family memory card sockets series 105039 button type n/a component type card holder (host) product name sim type n/a physical card detection switch n/a circuits (loaded) 6 circuits (maximum) 6 durability (mating cycles max) 3,000 ejector button side no ejector button present entry angle vertical keying to mating part yes material - metal copper alloy material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic pcb locator no pcb mounting side normal pcb retention yes packaging type embossed tape on reel pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 12 plating min: mating (m) 0.30 plating min: termination (in) 2 plating min: termination (m) 0.05 ports 0 temperature range - operating -30c to +85c termination interface: style surface mount electrical current - maximum per contact 0.5a shielded yes voltage - maximum 15v dc material info reference - drawing numbers product specification ps-105039-001 sales drawing SD-105039-001 test summary ts-105039-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 105039 series mates with standard sim card use with standard sim cards
this document was generated on 05/18/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of SD-105039-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X